Part Number Hot Search : 
M74HC10 120D3 MDT80C06 SMS390 CEBLTG4 T3001 00505 IRMCO203
Product Description
Full Text Search
 

To Download LM392 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 LM392 Low Power Operational Amplifier and Comparator
The LM392 contains two functions: an op amp and a comparator. Both devices can operate on single-supply power and both have a common-mode range down to ground. Operation from split power supplies is also possible. Low power-supply current is independent of the supply voltage level. The output of the comparator interfaces directly with either TTL or CMOS logic. Low quiescent current makes the LM392 ideal for portable equipment.
Features
8 1 SOIC-8 NB CASE 751 XXXXX A L Y W G
http://onsemi.com MARKING DIAGRAM
8 LM392 ALYWX G
* * * * * *
Wide Power-Supply Range: 3 V to 32 V Low Input Offset Voltage: 2 mV Low Quiescent Current: 600 mA Input CMV Range includes GND Op Amp is Unity Gain Stable These Devices are Pb-Free and are RoHS Compliant
1
Typical Applications
* Level Detectors * Voltage Controlled Oscillators * Transducer Amplifiers
= Specific Device Code = Assembly Location = Wafer Lot = Year = Work Week = Pb-Free Package
ORDERING INFORMATION
OUTPUT A (Comparator) 1 8 V+
See detailed ordering and shipping information in the package dimensions section on page 4 of this data sheet.
INVERTING INPUT A
2 - 3
A
+
+
B
7 - 6
OUTPUT B (Operational Amplifier)
NONINVERTING INPUT A
INVERTING INPUT B
GND
4
5
NONINVERTING INPUT B
Figure 1. Logic Diagram and Pinout
(c) Semiconductor Components Industries, LLC, 2009
September, 2009 - Rev. 4
1
Publication Order Number: LM392/D
LM392
MAXIMUM RATINGS
Rating Supply Voltage Differential Input Voltage Input Voltage Output Short - Circuit to Ground Thermal Impedance Storage Temperature Range Lead Temperature (Soldering, 10 Seconds) Symbol VS VIDR VI tSO qJA Tstg Value 32 or $16 32 0.3 to 32 Continuous 160 -65 to 150 260 C/W C C Unit V V V
Stresses exceeding Maximum Ratings may damage the device. Maximum Ratings are stress ratings only. Functional operation above the Recommended Operating Conditions is not implied. Extended exposure to stresses above the Recommended Operating Conditions may affect device reliability.
http://onsemi.com
2
LM392
ELECTRICAL CHARACTERISTICS (Both Amplifiers) (V+ = 5 V, TA= 25C unless otherwise stated)
LM392 Parameter Input Offset Voltage Conditions At output switch point, VO = 1.4 V, Rs = 0 W, V+ = 5 V to 30 V, VCM = 0 to (V+ - 1.5 V) IN(+) or IN(-), VCM = 0 V IN(+) or IN(-) Input Offset Current IN(+) or IN(-) TA 25C 0C to 70C 25C 0C to 70C 25C 0C to 70C Input Common-Mode Voltage Range Supply Current No Load V+ = 30 V (Note 1) V+ = 30 V V+ = 5 V Amplifier-to-Amplifier Coupling Differential Input Voltage f = 1 kHz to 20 kHz, Input Referred All VIN w V (or (V+ V-, If Used ) 25C 0C to 70C 25C 0C to 70C 0C to 70C 0 0 1 0.5 -78 32 $5 50 Min Typ $2 Max $5 $7 205 400 $50 $150 V+-1.5 V+-2 2 1 dB V mA V nA nA Unit mV
Input Bias Current
ELECTRICAL CHARACTERISTICS
Parameter OP AMP ONLY Large Signal Voltage Gain Output Voltage Swing, High (VOH) Output Voltage Swing, Low (VOL) Common-Mode Rejection Ratio Power Supply Rejection Ratio Output Current Source Output Current Sink
= 5 V, TA= 25C unless otherwise stated) LM392 Conditions TA 25C 25C 25C 25C 25C VIN(+) = 1 V, VIN(-) = 0 V, V+ = 15 V, VO = 2 V VIN(-) = 1 V, VIN(+) = 0 V, V+ = 15 V, VO = 2 V VIN(-) = 1 V, VIN(+) = 0 V, V+ = 15 V, VO = 200 mV 25C 25C 25C 0C to 70C 0C to 70C 65 65 20 10 12 70 100 40 20 50 7 10 Min Typ Max Unit
V+ = 15 V, Vo Swing = 1 V to 11 V, RL = 2 kW RL = 2 kW RL = 2 kW VCM = 0 to V+ - 1.5 V
25 V+-1.7
100
V/mV V 20 mV dB dB mA mA mA mV/C pA/C
Input Offset Voltage Drift Input Offset Current Drift COMPARATOR ONLY Voltage Gain Large Signal Response Time Response Time Output Sink Current Saturation Voltage
RS = 0 W (0C to 70C) RS = 0 W (0C to 70C) RL w 15 kW, V+ = 15 V VIN = TTL Logic Swing, VREF = 1.4 V, VRL = 5 V, RL = 5.1 kW VRL = 5 V, RL = 5.1 kW VIN(-) = 1 V, VIN(+) = 0 V, VO w 1.5 V VIN(-) w 1 V, VIN(+) = 0, ISINK v 4 mA VIN(-) w 1 V, VIN(+) = 0, ISINK v 4 mA VIN(-) = 0, VIN(+) w 1 V, VO = 5 V VIN(-) = 0, VIN(+) w 1 V, VO = 30 V
25C 25C 25C 25C 25C 0C to 70C 25C 25C
50
200 200 600
V/mV ns ns mA 400 700 mV mV nA 1.0 mA
6
16 250
Output Leakage Current
0.1
1. The input common-mode voltage or either input signal voltage should not be allowed to go negative by more than 0.3 V. The upper end of the common-mode voltage range is V+ - 1.5 V, but either or both inputs can go to 32 V without damage.
http://onsemi.com
3
LM392
ORDERING INFORMATION
Device LM392DR2G Operating Temperature Range 0C to +70C Package SOIC-8 (Pb-Free) Shipping 2500 / Tape & Reel
For information on tape and reel specifications, including part orientation and tape sizes, please refer to our Tape and Reel Packaging Specifications Brochure, BRD8011/D.
http://onsemi.com
4
LM392
PACKAGE DIMENSIONS
SOIC-8 NB CASE 751-07 ISSUE AJ
-X- A
8 5 NOTES: 1. DIMENSIONING AND TOLERANCING PER ANSI Y14.5M, 1982. 2. CONTROLLING DIMENSION: MILLIMETER. 3. DIMENSION A AND B DO NOT INCLUDE MOLD PROTRUSION. 4. MAXIMUM MOLD PROTRUSION 0.15 (0.006) PER SIDE. 5. DIMENSION D DOES NOT INCLUDE DAMBAR PROTRUSION. ALLOWABLE DAMBAR PROTRUSION SHALL BE 0.127 (0.005) TOTAL IN EXCESS OF THE D DIMENSION AT MAXIMUM MATERIAL CONDITION. 6. 751-01 THRU 751-06 ARE OBSOLETE. NEW STANDARD IS 751-07. DIM A B C D G H J K M N S MILLIMETERS MIN MAX 4.80 5.00 3.80 4.00 1.35 1.75 0.33 0.51 1.27 BSC 0.10 0.25 0.19 0.25 0.40 1.27 0_ 8_ 0.25 0.50 5.80 6.20 INCHES MIN MAX 0.189 0.197 0.150 0.157 0.053 0.069 0.013 0.020 0.050 BSC 0.004 0.010 0.007 0.010 0.016 0.050 0_ 8_ 0.010 0.020 0.228 0.244
B
1
S
4
0.25 (0.010)
M
Y
M
-Y- G
K
C -Z- H D 0.25 (0.010)
M SEATING PLANE
N
X 45 _
0.10 (0.004)
M
J
ZY
S
X
S
SOLDERING FOOTPRINT*
1.52 0.060
7.0 0.275
4.0 0.155
0.6 0.024
1.270 0.050
SCALE 6:1 mm inches
*For additional information on our Pb-Free strategy and soldering details, please download the ON Semiconductor Soldering and Mounting Techniques Reference Manual, SOLDERRM/D.
ON Semiconductor and are registered trademarks of Semiconductor Components Industries, LLC (SCILLC). SCILLC reserves the right to make changes without further notice to any products herein. SCILLC makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose, nor does SCILLC assume any liability arising out of the application or use of any product or circuit, and specifically disclaims any and all liability, including without limitation special, consequential or incidental damages. "Typical" parameters which may be provided in SCILLC data sheets and/or specifications can and do vary in different applications and actual performance may vary over time. All operating parameters, including "Typicals" must be validated for each customer application by customer's technical experts. SCILLC does not convey any license under its patent rights nor the rights of others. SCILLC products are not designed, intended, or authorized for use as components in systems intended for surgical implant into the body, or other applications intended to support or sustain life, or for any other application in which the failure of the SCILLC product could create a situation where personal injury or death may occur. Should Buyer purchase or use SCILLC products for any such unintended or unauthorized application, Buyer shall indemnify and hold SCILLC and its officers, employees, subsidiaries, affiliates, and distributors harmless against all claims, costs, damages, and expenses, and reasonable attorney fees arising out of, directly or indirectly, any claim of personal injury or death associated with such unintended or unauthorized use, even if such claim alleges that SCILLC was negligent regarding the design or manufacture of the part. SCILLC is an Equal Opportunity/Affirmative Action Employer. This literature is subject to all applicable copyright laws and is not for resale in any manner.
PUBLICATION ORDERING INFORMATION
LITERATURE FULFILLMENT: Literature Distribution Center for ON Semiconductor P.O. Box 5163, Denver, Colorado 80217 USA Phone: 303-675-2175 or 800-344-3860 Toll Free USA/Canada Fax: 303-675-2176 or 800-344-3867 Toll Free USA/Canada Email: orderlit@onsemi.com N. American Technical Support: 800-282-9855 Toll Free USA/Canada Europe, Middle East and Africa Technical Support: Phone: 421 33 790 2910 Japan Customer Focus Center Phone: 81-3-5773-3850 ON Semiconductor Website: www.onsemi.com Order Literature: http://www.onsemi.com/orderlit For additional information, please contact your local Sales Representative
http://onsemi.com
5
LM392/D


▲Up To Search▲   

 
Price & Availability of LM392

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X